Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download CDLL3157A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N3154UR-1 THRU 1N3157UR-1 AVAILABLE IN AND JANS PER MIL-PRF-19500/158
JAN, JANTX, JANTXV
* TEMPERATURE COMPENSATED ZENER REFERENCE DIODES * LEADLESS PACKAGE FOR SURFACE MOUNT * 8.4 VOLT NOMINAL ZENER VOLTAGE * METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION
1N3154UR-1 thru 1N3157UR-1 and CDLL3154 thru CDLL3157A
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500mW @ +50C Power Derating: 4 mW / C above +50C
REVERSE LEAKAGE CURRENT
lR = 10 A @ 25C & VR = 5.5Vdc
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
DIM D F G G1 S
CDI TYPE NUMBER
ZENER VOLTAGE VZ @ IZT
ZENER TEST CURRENT I ZT
MAXIMUM VOLTAGE TEMPERATURE EFFECTIVE ZENER TEMPERATURE RANGE TEMPERATURE IMPEDANCE STABILITY COEFFICIENT ZZT V ZT MAXIMUM (Note 1) (Note 2) mV 130 172 65 86 26 34 13 17 C -55 to +100 -55 to +150 -55 to +100 -55 to +150 -55 to +100 -55 to +150 -55 to +100 -55 to +150 % / C .01 .01 .005 .005 .002 .002 .001 .001
MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN.
VOLTS CDLL3154 CDLL3154A CDLL3155 CDLL3155A CDLL3156 CDLL3156A CDLL3157 CDLL3157A 8.00 - 8.80 8.00 - 8.80 8.00 - 8.80 8.00 - 8.80 8.00 - 8.80 8.00 - 8.80 8.00 - 8.80 8.00 - 8.80
mA 10 10 10 10 10 10 10 10
OHMS 15 15 15 15 15 15 15 15
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: Any.
NOTE 1
Zener impedance is derived by superimposing on lZT A 60Hz rms a.c. current equal to 10% of lZT. The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specified mV at any discrete temperature between the established limits, per JEDEC standard No.5.
NOTE 2
MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
107
Pd, Rated Power Dissipation (mW)
CDLL3154
thru
600 500 400 300 200 100 0 0 25 50 75 100 125 150 175
CDLL3157A
TA, Ambient Temperature (C) FIGURE 2
POWER DERATING CURVE
100
ZENER IMPEDANCE ZZT (OHMS)
50
10
5
1
8
9
10
11
12
13
OPERATING CURRENT lZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
+.0015 CHANGE IN TEMPERATURE COEFFICIENT ( %/C)
+.0010
+.0005
0
-.0005
-.0010
-.0015
6
8 10 12 OPERATING CURRENT lZT (mA)
14
FIGURE 4
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT 108


▲Up To Search▲   

 
Price & Availability of CDLL3157A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X